PART |
Description |
Maker |
AT80C51RD2-SLRUM AT80C51RD2-RLRUM |
IC MCU 80C51 HI PERFORM 44PLCC 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 80C51 High Performance ROM 8-bit Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
83C453 87C453 P87C453EBAA P83C453EBAA |
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列8K/256检察官办公光盘,扩展的I / O 80C51 8-bit microcontroller family 8K/256 OTP/ROM/ expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
P83C660X2BBD P83C661X2BBD P87C660X2BBD P87C661X2BB |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|
P89C51RB2HBBD P89C51RB2HXX P89C51RC2 P89C51RB2HBA |
80C51 8-bit Flash microcontroller family 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
80C55483C55487C554 |
80C51 8-bit microcontroller 16 K / 512 OTP, 8 channel 10 bit A/D, IC, PWM, capture/compare, high I/O
|
Philips
|
P89LPC9341FDH P89LPC9361FDH P89LPC9331HDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC933FDH P89LPC935 P89LPC935FDH P89LPC935FA P8 |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RD2FA/01 P89C51RB2BBD/01 P89 |
80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89C61X2 |
80C51 8-bit Flash microcontroller family
|
Philips
|
P89LPC932 |
80C51 8-bit microcontroller with two-clock core
|
Philips
|